Part Number Hot Search : 
LS3036 KSE45H10 L080TR1 D1762 XB0808P KA3843 DG413 LS3036
Product Description
Full Text Search
 

To Download MB2505 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
KBPC25005-KBPC2510
VOLTAGE RANGE - 50 TO 1000 Volts CURRENT - 25 Amperes
SINGLE-PHASE SILICON BRIDGE RECTIFIER
MECHANICAL DATA

FEATURES


Case: Metal, electrically isolated Epoxy: UL 94V-0 rate flame retardant Terminals: Plated .25"(6.35mm) Faston luge, solderable per MILSTD-202E, Method 208 quaranteed Polarity: As marked Mounting position: Any Weight: 30 grams
Metal case for Maximum Heat Dissipation Surge overload ratings-400 Amperes Low forward voltage drop
UZR
MB-25
.com
ee DataSh
Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25 ambient temperature unless otherwise specified. Single phase, half wave, 60Hz, resistive load. For capacitate load, derate current by 20%
PA RAME T E R
Maximum Recurrent Peak Reverse Voltage Maximum RMS Bridge Input Voltage Maximum DC Blocking Voltage Maximum Average Forward Rectified Current at TC = 55 Peak Forward Surge Current 8.3 ms single half sine-wave Superimposed on rated load (JEDEC Method) Maximum Forward Voltage Drop per element at 12.5A DC @TA = 25 Maximum DC Reverse Current at Rated DC Blocking Voltage @TA = 100 2 I t Rating for Fusing (t < 8.3ms) Typical Junction Capacitance ( Note 1 ) Typical Thermal Resistance ( Note 2 ) Operating and Storage Temperature Range
Notes: 1.Measured at 1 MHz and applied reverse voltage of 4.0 volts 2.Thermal Resistance from Junction to Case per leg.
S Y MB O L
VRRM VRMS VDC IO IFSM VF IR It CJ RJc TJ,TSTG
2
KBPC25005 KBPC2501 KBPC2502 KBPC2504 KBPC2506 KBPC2508 KBPC2510
MB2505
50 35 50
MB251
100 70 100
MB252
200 140 200
MB254
400 280 400 25 400 1.1 10 500 374 300 2.5 -55 to +150
MB256
600 420 600
MB258
800 560 800
MB2510
1000 700 1000
UNITS
Volts Volts Volts Amps Amps Volts uAmps A Sec pF /W
2
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: ic@wingshing.com
.com
DataSheet 4 U .com
www..com
KBPC25005-KBPC2510
RATING AND CHARACTERISTICS CURVES
t4U.com
.com
Wing Shing Computer Components Co., (H.K.)Ltd. Homepage: http://www.wingshing.com
Tel:(852)2341 9276 Fax:(852)2797 8153 E-mail: ic@wingshing.com
.com
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of MB2505

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X